|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY Part Number: DC03-11GWA Green Features 0.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Description The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. Package Dimensions& Internal Circuit Diagram Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. SPEC NO: DSAC1167 APPROVED: WYNEC REV NO: V.9 CHECKED: Joe Lee DATE: MAY/23/2007 DRAWN: Y.L.LI PAGE: 1 OF 4 ERP: 1302000281 Selection Guide Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. DC03-11GWA Green (GaP) WHITE DIFFUSED 800 Typ. 3000 Common Cathode Description Note: 1. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature[2] Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. Green 62.5 25 140 5 -40C To +85C 260C For 3-5 Seconds Units mW mA mA V SPEC NO: DSAC1167 APPROVED: WYNEC REV NO: V.9 CHECKED: Joe Lee DATE: MAY/23/2007 DRAWN: Y.L.LI PAGE: 2 OF 4 ERP: 1302000281 Green DC03-11GWA SPEC NO: DSAC1167 APPROVED: WYNEC REV NO: V.9 CHECKED: Joe Lee DATE: MAY/23/2007 DRAWN: Y.L.LI PAGE: 3 OF 4 ERP: 1302000281 PACKING & LABEL SPECIFICATIONS DC03-11GWA SPEC NO: DSAC1167 APPROVED: WYNEC REV NO: V.9 CHECKED: Joe Lee DATE: MAY/23/2007 DRAWN: Y.L.LI PAGE: 4 OF 4 ERP: 1302000281 |
Price & Availability of DC03-11GWA |